Part Number Hot Search : 
N4468 H8250 BD6974FV FST6330M 9LSDIT1 MBZ52 14S431K 2SD1978
Product Description
Full Text Search
 

To Download 2SK1519 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2SK1519, 2sk1520 silicon n-channel mos fet ade-208-1288 (z) 1st. edition mar. 2001 application high speed power switching features low on-resistance high speed switching low drive current built-in fast recovery diode (t rr = 120 ns) suitable for motor control, switching regulator, dc-dc converter outline to-3pl 1. gate 2. drain 3. source d g s 1 2 3
2SK1519, 2sk1520 2 absolute maximum ratings (ta = 25?) item symbol ratings unit drain to source voltage 2SK1519 v dss 450 v 2sk1520 500 gate to source voltage v gss ?0 v drain current i d 30 a drain peak current i d(pulse) * 1 120 a body to drain diode reverse drain current i dr 30 a channel dissipation pch* 2 200 w channel temperature tch 150 ? storage temperature tstg ?5 to +150 ? notes: 1. pw 10 ?, duty cycle 1% 2. value at t c = 25?
2SK1519, 2sk1520 3 electrical characteristics (ta = 25?) item symbol min typ max unit test conditions drain to source 2SK1519 v (br)dss 450 v i d = 10 ma, v gs = 0 breakdown voltage 2sk1520 500 gate to source breakdown voltage v (br)gss ?0 v i g = ?00 ?, v ds = 0 gate to source leak current i gss ?0 ? v gs = ?5 v, v ds = 0 zero gate voltage 2SK1519 i dss 250 ? v ds = 360 v, v gs = 0 drain current 2sk1520 v ds = 400 v, v gs = 0 gate to source cutoff voltage v gs(off) 2.0 3.0 v i d = 1 ma, v ds = 10 v static drain to source 2SK1519 r ds(on) 0.11 0.15 i d = 15 a, v gs = 10 v * 1 on state resistance 2sk1520 0.12 0.16 forward transfer admittance |yfs| 15 25 s i d = 15 a, v ds = 10 v * 1 input capacitance ciss 5800 pf v ds = 10 v, v gs = 0, output capacitance coss 1550 pf f = 1 mhz reverse transfer capacitance crss 170 pf turn-on delay time t d(on) 65 ns i d = 15 a, v gs = 10 v, rise time t r 170 ns r l = 2 turn-off delay time t d(off) 415 ns fall time t f 200 ns body to drain diode forward voltage v df 1.1 v i f = 30 a, v gs = 0 body to drain diode reverse recovery time t rr 120 ns i f = 30 a, v gs = 0, di f /dt = 100 a/? note: 1. pulse test
2SK1519, 2sk1520 4 300 200 100 0 50 100 150 case temperature t c (?) power vs. temperature derating channel dissipation pch (w) 1,000 30 3 0.1 10 100 1,000 drain to source voltage v ds (v) drain current i d (a) maximum safe operation area 300 0.3 1 3 30 300 ta = 25? 10 m s 100 m s dc operation (t c = 25?) 1 ms pw = 10 ms (1 shot) 100 10 1 operation in this area is limited by r ds (on) 2sk1520 2SK1519 50 820 drain to source voltage v ds (v) typical output characteristics 40 10 4 12 16 pulse test 0 20 30 4.5 v v gs = 4 v drain current i d (a) 5 v 6 v 10 v 50 4 10 gate to source voltage v gs (v) drain current i d (a) typical transfer characteristics 40 10 268 ?5? 0 20 30 v ds = 10 v pulse test 25? t c = 75?
2SK1519, 2sk1520 5 10 410 gate to source voltage v gs (v) drain to source saturation voltage v ds (on) (v) 8 2 268 0 4 6 drain to source saturation voltage vs. gate to source voltage 20 a i d = 50 a pulse test 10 a 5 200 drain current i d (a) static drain to source on state resistance r ds (on) ( w ) 2 0.1 5 20 100 2 0.5 1 static drain to source on state resistance vs. drain current 0.2 0.05 50 v gs = 10 v, 15 v pulse test 10 0.5 40 160 case temperature t c (?) static drain to source on state resistance r ds (on) ( w ) 0.4 0.1 0 80 120 0 0.2 0.3 static drain to source on state resistance vs. temperature i d = 50 a v gs = 10 v pulse test ?0 20 a 10 a 100 150 drain current i d (a) forward transfer admittance ? yfs ? (s) 50 5 0.5 2 10 1 10 20 forward transfer admittance vs. drain current v ds = 10 v pulse test 2 520 75? 25? t c = ?5?
2SK1519, 2sk1520 6 500 10 reverse drain current i dr (a) reverse recovery time t rr (ns) 200 20 1 50 100 body to drain diode reverse recovery time di/dt = 100 a/ m s, v gs = 0 pulse test 10 0.5 2 20 50 5 1,000 10,000 20 50 drain to source voltage v ds (v) capacitance c (pf) 100 10 30 40 typical capacitance vs. drain to source voltage 0 10 crss coss ciss v gs = 0 f = 1 mhz 1,000 1,000 160 400 gate charge qg (nc) drain to source voltage v ds (v) 800 80 240 0 320 600 400 200 i d = 30 a pulse test v dd = 400 v dynamic input characteristics 250 v v gs 20 gate to source voltage v gs (v) 16 12 8 4 0 0 v ds 100 v v dd = 100 v 250 v 400 v 1,000 250 drain current i d (a) switching time t (ns) 500 50 1520 10 100 200 0.5 20 10 switching characteristics t f t d (off) t r v gs = 10 v, pw = 2 m s duty < 1%, v dd 30 v = . . t d (on)
2SK1519, 2sk1520 7 50 2.0 source to drain voltage v sd (v) reverse dratin current i dr (a) 40 0.4 0.8 1.6 0 20 30 0 10 1.2 pulse test 10 v v gs = 0, ? v reverse drain current vs. sourse to drain voltage 3 pulse width pw (s) normalized transient thermal impedance g s (t) 1 0.1 0.3 d = 1 10 m 0.03 0.01 100 m 10 m 100 m 1 10 1 m t c = 25? 0.5 0.2 0.1 0.05 0.02 0.01 1 shot pulse normalized transient thermal impedance vs. pulse width t pw p dm d = t pw q ch? (t) = g s (t) ? q ch? q ch? = 0.625?/w, t c = 25? switching time test circuit vin monitor vin 10 v 50 w d.u.t vout monitor v dd 30 v = . . r l waveforms vin vout t d (on) 10% t r t f 10% 90% 10% 90% t d (off) 90%
2SK1519, 2sk1520 8 package dimensions 20.0 0.3 f 3.3 0.2 1.4 2.2 3.0 1.2 5.45 0.5 5.45 0.5 1.0 3.8 7.4 2.8 0.2 0.6 5.0 0.2 6.0 0.2 26.0 0.3 20.0 0.6 2.5 0.3 +0.25 ?.1 +0.25 ?.1 hitachi code jedec eiaj mass (reference value) to-3pl 9.9 g as of january, 2001 unit: mm
2SK1519, 2sk1520 9 cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi? or any third party? patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party? rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi? sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi? sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 2000. all rights reserved. printed in japan. hitachi asia ltd. hitachi tower 16 collyer quay #20-00, singapore 049318 tel : <65>-538-6533/538-8577 fax : <65>-538-6933/538-3877 url : http://www.hitachi.com.sg url northamerica : http://semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia : http://sicapac.hitachi-asia.com japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. (taipei branch office) 4/f, no. 167, tun hwa north road, hung-kuo building, taipei (105), taiwan tel : <886>-(2)-2718-3666 fax : <886>-(2)-2718-8180 telex : 23222 has-tp url : http://www.hitachi.com.tw hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road tsim sha tsui, kowloon, hong kong tel : <852>-(2)-735-9218 fax : <852>-(2)-730-0281 url : http://www.hitachi.com.hk hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 585160 hitachi europe gmbh electronic components group dornacher stra b e 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to: colophon 2.0


▲Up To Search▲   

 
Price & Availability of 2SK1519

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X